| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HTMS8x01 Datasheet(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8x01 Datasheet(HTML) 33 Page - NXP Semiconductors |
|
33 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.3 — 17 October 2014 152933 33 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC 14.2 Error handling In case an error has been occurred the transponder IC responses with the set error flag and the three bit code ’111’ (meaning ’unknown error’). The general response format in case of an error response is shown in Table 19 whereas commands not supporting error responses are excluded. In case of an unsupported command there will be no response. The format is embedded into SOF and EOF. Table 19. Response format in error case Error flag Error code CRC-16 Description 1 3 (16) No. of bits 1111 Fig 17. HITAG µ transponder IC response - in case of no error Fig 18. HITAG µ transponder IC response - in error case 001aak260 SOF Error Flag ''0'' Data (CRC) EOF 001aak262 SOF Error Flag ''1'' Error Code ''111'' (CRC) EOF |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |