Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS9148-60 Datasheet(PDF) 6 Page - Integrated Circuit Systems

No. de pieza ICS9148-60
Descripción Electrónicos  Pentium/ProTM System Clock Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICST [Integrated Circuit Systems]
Página de inicio  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-60 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9148-60 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-60 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-60 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-60 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-60 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-60 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-60 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-60 Datasheet HTML 9Page - Integrated Circuit Systems ICS9148-60 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ICS9148-60
Electrical Characteristics - CPUCLK
TA = 0 - 70C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH2B
IOH = -12.0 mA
2
2.3
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.2
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-41
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
37
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
1.25
1.6
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
1
1.6
ns
Duty Cycle
dt2B
1
VT = 1.25 V
454855%
Skew
tsk2B
1
VT = 1.25 V
30
175
ps
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
VT = 1.25 V
150
250
ps
Jitter, One Sigma
tj1s2B
1
VT = 1.25 V
40
150
ps
Jitter, Absolute
tjabs2B
1
VT = 1.25 V
-250
140
+250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - PCICLK
TA = 0 - 70C; VDD = VDDL = 3.3 V+/-5%; CL = 30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -11 mA
2.4
3.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.1
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-62
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
16
57
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
1.5
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.1
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
455055%
Skew
1
tsk1
VT = 1.5 V
140
500
ps
Jitter, One Sigma
1
tj1s1
VT = 1.5 V
17
150
ps
Jitter, Absolute
1
tjabs1
VT = 1.5 V
-500
70
500
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com