Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS9248-114 Datasheet(PDF) 9 Page - Integrated Circuit Systems

No. de pieza ICS9248-114
Descripción Electrónicos  AMD - K7??System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICST [Integrated Circuit Systems]
Página de inicio  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-114 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS9248-114 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
ICS9248-114
Third party brands and names are the property of their respective owners.
Electrical Characteristics - REF, 48MHz, 24MHz
TA = 0 - 70C; VDD = 3.3V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH5
IOH = -16 mA
2.4
3.03
V
Output Low Voltage
VOL5
IOL = 9 mA
0.23
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-50
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
40
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.47
4.0
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
1.98
4.0
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
54.4
55
%
Jitter, Cycle-to-Cycle
1
tjcyc-cyc5, Ref
VT = 1.5 V
552
1000
ps
Jitter, Cycle-to-Cycle
1
tjcyc-cyc5, Fixed
VT = 1.5 V
-1
421
500
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com