| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
80C186EB Datasheet(PDF) 36 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80C186EB Datasheet(HTML) 36 Page - Intel Corporation |
|
36 / 59 page ![]() 80C186EB80C188EB 80L186EB80L188EB AC SPECIFICATIONS (Continued) Relative Timings (80C186EB25 20 1380L186EB16 13 8) Symbol Parameter Min Max Units Notes RELATIVE TIMINGS TLHLL ALE Rising to ALE Falling T b 15 ns TAVLL Address Valid to ALE Falling T b 10 ns TPLLL Chip Selects Valid to ALE Falling T b 10 ns 1 TLLAX Address Hold from ALE Falling T b 10 ns TLLWL ALE Falling to WR Falling T b 15 ns 1 TLLRL ALE Falling to RD Falling T b 15 ns 1 TWHLH WR Rising to ALE Rising T b 10 ns 1 TAFRL Address Float to RD Falling 0 ns TRLRH RD Falling to RD Rising (2 T) b 5ns 2 TWLWH WR Falling to WR Rising (2 T) b 5ns 2 TRHAV RD Rising to Address Active T b 15 ns TWHDX Output Data Hold after WR Rising T b 15 ns TWHPH WR Rising to Chip Select Rising T b 10 ns 1 TRHPH RD Rising to Chip Select Rising T b 10 ns 1 TPHPL CS Inactive to CS Active T b 10 ns 1 TOVRH ONCE Active to RESIN Rising T ns 3 TRHOX ONCE Hold from RESIN Rising T ns 3 NOTES 1 Assumes equal loading on both pins 2 Can be extended using wait states 3 Not tested 36 36 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |