| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
82C54 Datasheet(PDF) 5 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82C54 Datasheet(HTML) 5 Page - Intel Corporation |
|
5 / 18 page ![]() 82C54 OPERATIONAL DESCRIPTION General After power-up the state of the 82C54 is undefined The Mode count value and output of all Counters are undefined How each Counter operates is determined when it is programmed Each Counter must be programmed before it can be used Unused counters need not be programmed Programming the 82C54 Counters are programmed by writing a Control Word and then an initial count The control word format is shown in Figure 7 All Control Words are written into the Control Word Register which is selected when A1 A0 e 11 The Control Word itself specifies which Counter is being programmed By contrast initial counts are written into the Coun- ters not the Control Word Register The A1 A0 in- puts are used to select the Counter to be written into The format of the initial count is determined by the Control Word used Control Word Format A1 A0 e 11 CS e 0RD e 1WR e 0 D7 D6 D5 D4 D3 D2 D1 D0 SC1 SC0 RW1 RW0 M2 M1 M0 BCD SC Select Counter SC1 SC0 0 0 Select Counter 0 0 1 Select Counter 1 1 0 Select Counter 2 11 Read-Back Command (See Read Operations) RW ReadWrite RW1 RW0 0 0 Counter Latch Command (see Read Operations) 0 1 ReadWrite least significant byte only 1 0 ReadWrite most significant byte only 1 1 ReadWrite least significant byte first then most significant byte NOTE Don’t care bits (X) should be 0 to insure compatibility with future Intel products M MODE M2 M1 M0 0 0 0 Mode 0 0 0 1 Mode 1 X 1 0 Mode 2 X 1 1 Mode 3 1 0 0 Mode 4 1 0 1 Mode 5 BCD 0 Binary Counter 16-bits 1 Binary Coded Decimal (BCD) Counter (4 Decades) Figure 7 Control Word Format 5 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |