Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HF366 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza HF366
Descripción Electrónicos  Heavy Duty Safety Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

HF366 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HF366 Datasheet HTML 1Page - List of Unclassifed Manufacturers HF366 Datasheet HTML 2Page - List of Unclassifed Manufacturers HF366 Datasheet HTML 3Page - List of Unclassifed Manufacturers HF366 Datasheet HTML 4Page - List of Unclassifed Manufacturers HF366 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4-11
Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog
Product Category HDSS
Heavy Duty Safety Switches
Selection
Siemens / Speedfax
Previous folio: 3-11
Updated by S Spencer 10-15-10
0030
HF261
015
HF261R
015
03
071⁄2
—
—
03
10
—
—
05
15
0060
HF262
020
HF262R
020
05
20
—
—
10
25
—
—
10
30
0100
HF263
026
HF263R
027
10
30
—
—
15
40
—
—
20
50
0400
HF265n
149
HF265Rn
152
—
50
—
—
50
—
—
—
40
50
0600
HF266n
150
HF266Rn
155
—
50
—
—
50
—
—
—
50
50
600 Volt Fusiblee
2-Pole, 2-Fusec
480 Volt AC/600 Volt AC/600 Volt DC
0030
HF361
14
HF361R
015
333 071⁄2
005
015
03
10
0071⁄2 020
05
—
0030
HF361Lg
19
HF361RLg
020
3
071⁄2
005
015
03
10
0071⁄2 020
05
—
0060
HF362
19
HF362R
020
5
20
015
030
10
25
015
050
10
30h
0060
—
—
—
HF362RLg
025
5
20
015
030
10
25
015
050
10
30h
0100
HF363
24
HF363R
025
5
20
025
060
15
40
030
075
20
50h
0200
HF364
48
HF364R
049
25
50
050
125
30
50
060
150
40
50
0400
HF365Hb
136
HF365RHb
137
—
—
100
250
—
—
125
350
50
—
0400
HF365
154
HF365R
157
—
—
100
250
—
—
125
350
50
—
0600
HF366Hb
138
HF366RHb
141
—
—
150
400
—
—
200
500
50
—
0600
HF366
157
HF366R
161
—
—
150
400
—
—
200
500
50
—
0800
HF367
365
HF367R
365
—
—
200
500
—
—
250
500
50
—
1200
HF368
383
HF368R
385
—
—
200
500
—
—
250
500
50
—
3-Pole, 3-Fuse
480 Volt AC/600 Volt AC/250 Volt DCa
0030
HF361S
013
HF361J
014
—
—
005
015
—
—
0071⁄2 020
05
—
0060
HF362S
020
HF362J
020
—
—
015
030
—
—
015
050
10
30h
0100
HF363S
025
HF363J
025
—
—
025
060
—
—
030
075
20
50h
0200
HF364S
049
HF364J
049
—
—
050
125
—
—
060
150
40
50
0400
HF365S
158
HF365J
160
—
—
100
250
—
—
125
350
50
—
0600
HF366S
161
HF366J
161
—
—
150
400
—
—
200
500
50
—
0800
HF367S
370
HF367Jn
365
—
—
200
500
—
—
250
500
50
—
01200
HF368Sn
388
HF368Jn
388
—
—
250
500
—
—
250
500
50
—
3-Pole, 3-Fuse
480 Volt AC/600 Volt AC/250 Volt DCa
n
Built to order. Allow 2–3 weeks for delivery.
a
60-200A 3-Pole switches are also rated 600V DC.
b
Height reduced switch (45.25 rather than 56 inches in
height) for use with 500MCM or smaller conductors.
c
Use 3-Pole switch for 200A applications.
d
Dual horsepower ratings: Std.- applies when non-time
delay fuses are installed. Max.- applies when time-
delay fuses are installed.
e
Suitable for use as service entrance equipment except for
1200 when used on 480 or 600V grounded wye system.
f
Also rated Type 3S/3R.
g
Indicates oversized enclosure (30A switch with 60A
lugs in a 60A enclosure or 60A switch with 100A lugs
in a 100A enclosure).
h
600V DC & 600V DC horsepower rating shown
requires (2) poles to be connected in series.
304 grade stainless steel. For switches with enclosures
constructed from 316 grade stainless steel, see page 4-16.
Indoor — Type 1
Outdoor — Type 3R
480V AC
600V AC
Ship. Wt.
Ship. Wt.
1-Phase,
3-Phase,
1-Phase,
3-Phase,
250 600
Ampere
(lbs.)
(lbs.)
2-Wire
3-Wire
2-Wire
3-Wire
Volt Volt
System
Rating
Catalog Number
Std. Pkg.
Catalog Number
Std. Pkg.
Std. Max.
Std. Max.
Std.
Max.
Std.
Max. DC
DC
Horsepower Ratingsd
0030
HF361N
014
HF361NR
015
03
071⁄2
005
015
03
10
0071⁄2 020
05
—
0060
HF362N
019
HF362NR
020
05
20
015
030
10
25
015
050
10
30h
0100
HF363N
025
HF363NR
026
10
30
025
060
15
40
030
075
20
50h
0200
HF364N
049
HF364NR
050
25
50
050
125
30
50
060
150
40
50
0400
HF365N
158
HF365NR
162
—
—
100
250
—
—
125
350
50
—
0600
HF366N
161
HF366NR
165
—
—
150
400
—
—
200
500
50
—
0800
HF367N
375
HF367NR
375
—
—
250
500
—
—
250
500
50
—
1200
HF368N
395
HF368NR
388
—
—
250
500
—
—
250
500
50
—
3-Pole, 3-Fuse and Solid Neutral
480 Volt AC/600 Volt AC/250 Volt DCa
Type 4/4X Stainless
Type 12 Industrialf
0030
HF261S
015
HF261Jn
015
03
071⁄2
—
—
03
10
—
—
05
15
0060
HF262S
020
HF262Jn
020
05
20
—
—
10
25
—
—
10
30
0100
HF263Sn
027
HF263Jn
027
10
30
—
—
15
40
—
—
20
50
0400
HF265Sn
153
HF265Jn
155
—
50
—
—
50
—
—
—
40
50
0600
HF266Sn
156
HF266Jn
156
—
50
—
—
50
—
—
—
50
50
600 Volt Fusiblee (For 2-Pole Applications use outside poles of 3-Pole Switches)
2-Pole, 2-Fusec
480 Volt AC/600 Volt AC/600 Volt DC



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com