| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HF366R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HF366R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 5 page ![]() Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog 4-10 Product Category HDSS Heavy Duty Safety Switches Selection Siemens / Speedfax Previous folio: 3-10 Updated by S Spencer 10-15-10 0030 HF221N 012 HF221NR 013 011⁄2 03 — — 003 0071⁄2 05 0060 HF222N 018 HF222NR 019 03 10 — — 0071⁄2 015 10 0100 HF223N 023 HF223NR 024 071⁄2 15 — — 015 030 20 0200 HF224N 047 HF224NR 048 15 — — — 025 060 40 0400 HF225NH a 129 HF225NRH a 131 15 — — — 050 125 50 0400 HF225N 153 HF225NR 157 15 — — — 050 125 50 0600 HF226NH a 133 HF226NRH a 135 15 — — — 075 200 50 0600 HF226N 155 HF226NR 159 15 — — — 075 200 50 800 HF227N 365 HF227NR 365 — — — — 100 250 50 1200 HF228Nn 385 HF228NRn 385 — — — — 100 250 50 240 Volt Fusiblee 2-Pole, 2-Fuse, and Solid Neutralc (Also used for 2-Pole, 2-Wire Applications) 240 Volt AC/250 Volt DC 0030 HF321N 014 HF321NR 015 011⁄2 03 — — 003 0071⁄2 05 0060 HF322N 019 HF322NR 020 03 10 — — 0071⁄2 015 10 0100 HF323N 025 HF323NR 026 071⁄2 15 — — 015 030 20 0200 HF324N 049 HF324NR 050 15 — — — 025 060 40 0400 HF325NH a 137 HF325NRH a 138 15 — — — 050 125 50 0400 HF325N 158 HF325NR 162 15 — — — 050 125 50 0600 HF326NH a 139 HF326NRH a 142 15 — — — 075 200 50 0600 HF326N 161 HF326NR 165 15 — — — 075 200 50 0800 HF327N 375 HF327NR 375 — — — — 100 250 50 1200 HF328N 395 HF328NR 388 — — — — 100 250 50 3-Pole, 3-Fuse, and Solid Neutral (Also used for 3-Pole, 3-Wire Applications) 240 Volt AC/250 Volt DC 0030 HF321S 014 HF321J 014 011⁄2 3 — — 003 0071⁄2 — 0060 HF322S 020 HF322J 020 3 10 — — 0071⁄2 015 10 0100 HF323S 025 HF323J 025 071⁄2 15 — — 015 030 20 0200 HF324S 049 HF324J 049 15 — — — 025 060 40 400 HF325S 154 HF325Jn 110 15 — — — 50 125 50 600 HF326S 157 HF326Jn 161 15 — — — 75 200 50 800 HF327Sn 370 HF327Jn 365 — — — — 100 250 50 3-Pole, 3-Fused (Also used for 2-Pole, 2-Wire Applications in 400–800A Ratings) 240 Volt AC/250 Volt DC n Built to order. Allow 2–3 weeks for delivery. a Height reduced switch (45.25 rather than 56 inches in height) for use with 500MCM or smaller conductors. b Dual horsepower ratings: Std.- applies when non-time delay fuses are installed. Max.- applies when time- delay fuses are installed. c These switches are UL-listed for application on grounded B-phase systems and are suitable for 3-phase motor applications. d When a neutral is required use a field installed neutral kit. e Suitable for use as service entrance equipment. f Also rated Type 3S/3R. g 304 grade stainless steel. For switches with enclosures constructed from 316 grade stainless steel, see page 4-16. Indoor — Type 1 Outdoor — Type 3R Horsepower Ratingsb 240V AC 250 Ship. Wt. Ship. Wt. 1-Phase, 2-Phase, 3-Phase, Volt Ampere (lbs.) (lbs.) 2-Wire 4-Wire 3-Wire DC System Rating Catalog Number Std. Pkg. Catalog Number Std. Pkg. Std. Max. Std. Max. Std. Max. 240 Volt Fusiblee 2-Pole, 2-Fused 240 Volt AC/250 Volt DC Type 4/4X Stainlessg Type 12 Industrialf 0030 HF221S 013 HF221J 013 011⁄2 03 — — 003 0071⁄2 05 0060 HF222S 019 HF222J 019 03 10 — — 0071⁄2 015 10 0100 HF223S 024 HF223J 024 071⁄2 15 — — 015 030 20 0200 HF224S 048 HF224J 048 15 — — — 025 060 40 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |