Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IDT7204S65TPB Datasheet(PDF) 3 Page - Integrated Device Technology

No. de pieza IDT7204S65TPB
Descripción Electrónicos  CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7204S65TPB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7204S65TPB Datasheet HTML 1Page - Integrated Device Technology IDT7204S65TPB Datasheet HTML 2Page - Integrated Device Technology IDT7204S65TPB Datasheet HTML 3Page - Integrated Device Technology IDT7204S65TPB Datasheet HTML 4Page - Integrated Device Technology IDT7204S65TPB Datasheet HTML 5Page - Integrated Device Technology IDT7204S65TPB Datasheet HTML 6Page - Integrated Device Technology IDT7204S65TPB Datasheet HTML 7Page - Integrated Device Technology IDT7204S65TPB Datasheet HTML 8Page - Integrated Device Technology IDT7204S65TPB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
5.04
3
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO
2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS FOR THE 7205 AND 7206
(Commercial: VCC = 5.0V
±10%, TA = 0°C to +70°C; Military: VCC = 5.0V±10%, TA = –55°C to +125°C)
IDT7205/7206
IDT7205/7206
Commercial
Military
tA = 15, 20, 25, 35, 50 ns
tA = 20, 30, 50 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI
(1)
Input Leakage Current (Any Input)
–1
—
1
–1
—
1
µA
ILO
(2)
Output Leakage Current
–10
—
10
–10
—
10
µA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
—
—
2.4
—
—
V
VOL
Output Logic “0” Voltage IOL = 8mA
—
—
0.4
—
—
0.4
V
ICC1
(3)
Active Power Supply Current
—
—
120
(4)
—
—
150
(4)
mA
ICC2
(3)
Standby Current (
R=W=RS=FL/RT=VIH)—
—
12
—
—
25
mA
ICC3(L)
(3)
Power Down Current (All Input = VCC - 0.2V)
—
—
8
—
—
12
mA
DC ELECTRICAL CHARACTERISTICS FOR THE 7203 AND 7204
(Commercial: VCC = 5.0V
±10%, TA = 0°C to +70°C; Military: VCC = 5.0V±10%, TA = –55°C to +125°C)
IDT7203/7204
IDT7203/7204
Commercial
Military(1)
tA = 12, 15, 20, 25, 35, 50 ns
tA = 20, 30, 40, 50, 65, 80, 120 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI
(2)
Input Leakage Current (Any Input)
–1
—
1
–1
—
1
µA
ILO
(3)
Output Leakage Current
–10
—
10
–10
—
10
µA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
—
—
2.4
—
—
V
VOL
Output Logic “0” Voltage IOL = 8mA
—
—
0.4
—
—
0.4
V
ICC1
(4)
Active Power Supply Current
—
—
120
(5)
—
—
150
(5)
mA
ICC2
(4)
Standby Current (
R=W=RS=FL/RT=VIH)—
—
12
—
—
25
mA
ICC3(L)
(4)
Power Down Current (All Input = VCC - 0.2V)
—
—
2
—
—
4
mA
ICC3(S)
(4)
Power Down Current (All Input = VCC - 0.2V)
—
—
8
—
—
12
mA
NOTES:
2661 tbl 03
1. Speed grades 65, 80, and 120ns are only available in the ceramic DIP.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3. R
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. ICC measurements are made with outputs open (only capacitive loading).
5. Tested at f = 20MHz.
NOTES:
2661 tbl 04
1. Measurements with 0.4
≤ VIN ≤ VCC.
2. R
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
3. ICC measurements are made with outputs open (only capacitive loading).
4. Tested at f = 20MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com