Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ISL83483IB Datasheet(PDF) 13 Page - Intersil Corporation

No. de pieza ISL83483IB
Descripción Electrónicos  3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83483IB Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL83483IB Datasheet HTML 9Page - Intersil Corporation ISL83483IB Datasheet HTML 10Page - Intersil Corporation ISL83483IB Datasheet HTML 11Page - Intersil Corporation ISL83483IB Datasheet HTML 12Page - Intersil Corporation ISL83483IB Datasheet HTML 13Page - Intersil Corporation ISL83483IB Datasheet HTML 14Page - Intersil Corporation ISL83483IB Datasheet HTML 15Page - Intersil Corporation ISL83483IB Datasheet HTML 16Page - Intersil Corporation ISL83483IB Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
528
PROCESS:
Si Gate CMOS
FIGURE 16. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH (ISL83485, ISL83490, ISL83491)
FIGURE 17. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW (ISL83485, ISL83490, ISL83491)
Typical Performance Curves VCC = 3.3V, TA = 25oC, ISL83483 thru ISL83491; Unless Otherwise Specified (Continued)
TIME (10ns/DIV)
RDIFF = 54Ω, CL = 15pF
0
5
0
5
DI
RO
0
0.5
1
1.5
2
2.5
3
B/Z
A/Y
TIME (10ns/DIV)
RDIFF = 54Ω, CL = 15pF
0
5
0
5
DI
RO
0
0.5
1
1.5
2
2.5
3
A/Y
B/Z
ISL83483, ISL83485, ISL83488, ISL83490, ISL83491



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com