Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BC857S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza BC857S
Descripción Electrónicos  PNP Silicon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC857S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC857S_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC857S_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BC857S
PNP Silicon
Multi-Chip Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Operating & Storage junction Temperature
C 1
B2
E2
E 1
B1
C2
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
* Features
Power dissipation
PCM : 0.3 W (Tamp.= 25 C)
Collector current
ICM : -0.2 A
Collector-base voltage
V(BR)CBO : -50 V
Tj, Tstg : -55 C~ +150 C
O
O
O
Electrical Characteristics( Tamb=25OC unless otherwise specified)
Collector-base breakdown voltage
V(BR)CBO
Ic=-
10µA, IE=0
-
50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-
10mA, IB=0
-
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-
10µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-
30V, IE=0
-
15
nA
DC current gain
hFE
VCE=-
5V, IC=-2mA
125
630
VCE(sat)
IC=-
10mA, IB=-0.5mA
-0.3
V
Collector-emitter saturation voltage
VCE(sat)
IC=-
100mA, IB=-5mA
-0.65
V
VBE
VCE=-
5V, IC=-2mA
-0.6
-
0.75
V
Base-emitter voltage
VBE(1)
VCE=-
5V, IC=-10mA
-0.82
V
Transition frequency
fT
VCE=-
5V, IC=-
10mA , f=100MHz
200
MHz
Collector output capacitance
Cob
VCB=-
10V, IE=0, f=1MHz
3.5
pF
Noise figure
NF
F=1kHZ, RS=2K ,BW=200HZ
2.5
dB
VCE=-5V, IC=-0.2mA
Ω
Marking : 3C
Note: 1 Short duration test pulse used to minimize self-heating effect.
01-Jan-2006 Rev. B
Page 1 of 2
RoHS Compliant Product
SOT-363
Dimensions in inches and (millimeters)
.014(0.35)
.006(0.15)
.087(2.20)
.079(2.00)
.055(1.40)
.047(1.20)
.026TYP
(0.65TYP)
.096(2.45)
.085(2.15)
.021REF
(0.525)REF
.018(0.46)
.010(0.26)
.006(0.15)
.003(0.08)
.053(1.35)
.045(1.15)
.043(1.10)
.035(0.90)
.039(1.00)
.035(0.90)
.004(0.10)
.000(0.00)
8
o
o
0


Número de pieza similar - BC857S_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
BC857S KEXIN-BC857S_15 Datasheet
1Mb / 3P
PNP Transistors
More results

Descripción similar - BC857S_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
Renesas Technology Corp
2SA778 RENESAS-2SA778 Datasheet
106Kb / 7P
Silicon PNP Epitaxial
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
logo
Leshan Radio Company
LBTP180D3T1G LRC-LBTP180D3T1G Datasheet
1Mb / 3P
PNP Silicon
logo
SHIKUES Electronics
2SA1036K SKTECHNOLGY-2SA1036K Datasheet
1Mb / 5P
PNP Silicon
MMBT5401 SKTECHNOLGY-MMBT5401 Datasheet
1Mb / 4P
PNP silicon
logo
Shanghai Leiditech Elec...
L9015QLT1G LEIDITECH-L9015QLT1G Datasheet
422Kb / 4P
PNP Silicon
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com