Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPD7228 Datasheet(PDF) 17 Page - NEC

No. de pieza UPD7228
Descripción Electrónicos  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD7228 Datasheet(HTML) 17 Page - NEC

Back Button UPD7228 Datasheet HTML 13Page - NEC UPD7228 Datasheet HTML 14Page - NEC UPD7228 Datasheet HTML 15Page - NEC UPD7228 Datasheet HTML 16Page - NEC UPD7228 Datasheet HTML 17Page - NEC UPD7228 Datasheet HTML 18Page - NEC UPD7228 Datasheet HTML 19Page - NEC UPD7228 Datasheet HTML 20Page - NEC UPD7228 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Data Sheet S10299EJ4V0DS00
17
µµµµ PD16434
(2) 16-time-division (single-chip configuration)
Bank 0 and bank 1 are used in a pair, and the contents are read out to the column driver as 42
× 16-bit display
data.
Figure 2–7 shows correspondence of bits for the row driver and column driver for the data memory. If the data
located at the Rn and Cm intersection is 1, the corresponding LCD dot is ON. If the data is 0, the dot is OFF.
Figure 2–7. Data Memory (16-Time-Division, Single-Chip)
R8
R9
R10
R11
R12
R13
R14
R15
C41
C40
C1
C0
0
1
2
3
4
5
6
7
Corresponding
row signal
R0
R1
R2
R3
R4
R5
R6
R7
29H
28H
01H
00H
bit 0
1
2
3
4
5
6
7
To colmn driver
Bank 0
Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39