| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPD16675A Datasheet(PDF) 21 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16675A Datasheet(HTML) 21 Page - NEC |
|
21 / 36 page ![]() 21 µµµµPD16675A 8. CPU ACCESS EXAMPLES Examples of access procedure are shown below. In serial or 4-bit parallel interface mode, the Chip Address Register (CAR) is not transmitted when the CAR is invalid (CAE = L, see page 13). 8.1 Initialize and Data Write Parameter STB Command/data Description b7 b6 b5 b4 b3 b2 b1 b0 Start H XX XXXXXX (Power-on reset is released 200 µs after power supply is started) Chip Address Register (CAR) L 0 0 000000 Chip address = 000 Duty setting L 0 0 011000 1/34 duty H X X XXXXXX CAR L 00 000000 Chip address = 000 D/A converter setting L 1 0 010000 D/A converter output = 10000H H X X XXXXXX CAR L 00 000000 Chip address = 000 Address register 1 L 11 000000 Dot address, Y address = 00H Address register 2 L 00 000000 X address = 00H H X X XXXXXX CAR L 00 000000 Chip address = 000 Data R/W mode L 1 0 110001 Data write, the address is incremented starting from the current one. Dot display data 1 | Dot display data 128 L | L D D D D D D D D D D D D D D D D Data of Y address = 00H (128 bytes) Dot display data 1 | Dot display data 128 L | L D D D D D D D D D D D D D D D D Data of Y address = 01H (128 bytes) Dot display data 1 | Dot display data 128 L | L D D D D D D D D D D D D D D D D Data of Y address = 02H (128 bytes) Dot display data 1 | Dot display data 128 L | L D D D D D D D D D D D D D D D D Data of Y address = 03H (128 bytes) H X X XXXXXX CAR L 00 000000 Chip address = 000 Address register 1 L 11 010000 Pictograph group address, Y address = 00H Address register 2 L 00 000000 X address = 00H H X X XXXXXX CAR L 00 000000 Chip address = 000 Remark X = Don't Care, D = Data |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |