| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN4587 Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4587 Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 14 page ![]() DocID026923 Rev 1 13/14 AN4587 Conclusion 14 3 Conclusion The chopper op amp, due to its internal switching architecture, generates current spikes on its input pins. This explains why the average input bias current of a chopper is slightly higher than a traditional op amp. Depending on the application environment, these input current spikes, of a few µA, might make some designers apprehensive about using a chopper op amp. However, we have seen in this application note that using a chopper with a high impedance sensor tends to limit the amplitude of these spikes and it should not disturb the sensor. Moreover, adding a common mode capacitor also helps to filter the input current spikes. The value of this capacitor must be chosen carefully in order to keep the whole system stable. 4 Revision history Table 2. Document revision history Date Revision Changes 28-Oct-2014 1 Initial release |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |