| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TN0837 Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0837 Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 11 page ![]() SPC560P34x, SPC560P40x Hardware configuration to select boot mode Doc ID 022359 Rev 2 7/11 Then continuously waits in polling on change of RX pins level.The FlexCAN RX pin level takes precedence. First signal found at low level selects the serial boot routine that will be executed. In case a low level is detected on any input, the corresponding autobaud measurement functionality is started: ● when FlexCAN RX (corresponds to pin B[1]) level is low, the CAN autobaud measurement starts and then sets up the FlexCAN baud rate accordingly; ● when UART RX (corresponds to pin B[3] on LQFP100 or B[7] on LQFP64) level is low, the UART autobaud measurement starts and then sets up the LINFlex baud rate accordingly. After performing the autobaud measurement and setting up the baud rate, the corresponding RX input is reconfigured and the related standard download process is started; in case of a detected CAN transmission a download using the CAN protocol as described in section “Bootstrap with FlexCAN— autobaud disabled”of RM0046, rev. 3 (see Section Appendix A), and in case of a detected UART transmission a download using the UART protocol as described in Section” Boot from UART— autobaud disabled” of RM0046, rev.3 (see Section Appendix A). The following Figure 1 identifies the corresponding flow and steps. Note: When autobaud scan is selected, initially both LINFlex_0 RX pin and FlexCAN_0 RX pin should be at high level. No external circuity should pull-down them to allow right autoscan. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |