| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TN0897 Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0897 Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 28 page ![]() TN0897 SPI communication flow Doc ID 023176 Rev 2 9/28 Figure 3. Communication principle of the ST SPI 2.2 Command byte Each communication frame starts with a command byte. It consists of an operating code which specifies the type of operation (<Write>, <Read>, <Read and Clear>, <Read Device Information>) and a 6 bit address. If less than 6 address bits are required, the remaining bits are unused but are reserved. |