Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN4440 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza AN4440
Descripción Electrónicos  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4440 Datasheet HTML 1Page - STMicroelectronics AN4440 Datasheet HTML 2Page - STMicroelectronics AN4440 Datasheet HTML 3Page - STMicroelectronics AN4440 Datasheet HTML 4Page - STMicroelectronics AN4440 Datasheet HTML 5Page - STMicroelectronics AN4440 Datasheet HTML 6Page - STMicroelectronics AN4440 Datasheet HTML 7Page - STMicroelectronics AN4440 Datasheet HTML 8Page - STMicroelectronics AN4440 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
DocID025913 Rev 1
5/36
AN4440
Tools installation
36
1.4
AUT startup
1.
Click on the AUT icon on the desktop.
Figure 2. AUT startup: screenshot 1
2.
Choose the HVDAC tab
3.
Choose the "SPI/RFFE Out" tab in the center of the window, select the HVDAC Control
Board in the COM Port dropdown menu, and press “CONNECT”.
Then when the demoboard description is successfully updated, press the "START HVDAC
CONTROL" button.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36