Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPD178024 Datasheet(PDF) 7 Page - NEC

No. de pieza UPD178024
Descripción Electrónicos  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD178024 Datasheet(HTML) 7 Page - NEC

Back Button UPD178024 Datasheet HTML 3Page - NEC UPD178024 Datasheet HTML 4Page - NEC UPD178024 Datasheet HTML 5Page - NEC UPD178024 Datasheet HTML 6Page - NEC UPD178024 Datasheet HTML 7Page - NEC UPD178024 Datasheet HTML 8Page - NEC UPD178024 Datasheet HTML 9Page - NEC UPD178024 Datasheet HTML 10Page - NEC UPD178024 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
7
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
• 80-pin plastic QFP (14
× 14 mm, 0.65 pitch)
µPD178023GC-×××-8BT, 178024GC-×××-8BT
Cautions 1. Directly connect the IC (Internally Connected) to GND.
2. Keep the voltage at VDDPORT and VDDPLL at the same voltage as VDD.
3. Keep the voltage at GNDPORT and GNDPLL at the same voltage as GND.
4. Connect each of the REGOSC and REGCPU pins to GND via 0.1-
µF capacitor.
P37
P36/BEEP0
P35
P34/TI51
P33/TI50
P32
P31
P30
P67
P66
P65
P64
P63
P62
P61
P60
P57
P56
P55
P54
P10/ANI0
P11/ANI1
P12/ANI2
P13/ANI3
P14/ANI4
P15/ANI5
P70/SI3
P71/SO3
P72/SCK3
P73
P74/RXD0
P75/TXD0
P76/SDA0
P77/SCL0
P130/TO50
P131/TO51
P132
P40
P41
P42
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56