Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN2708 Datasheet(PDF) 15 Page - STMicroelectronics

No. de pieza AN2708
Descripción Electrónicos  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 11Page - STMicroelectronics AN2708 Datasheet HTML 12Page - STMicroelectronics AN2708 Datasheet HTML 13Page - STMicroelectronics AN2708 Datasheet HTML 14Page - STMicroelectronics AN2708 Datasheet HTML 15Page - STMicroelectronics AN2708 Datasheet HTML 16Page - STMicroelectronics AN2708 Datasheet HTML 17Page - STMicroelectronics AN2708 Datasheet HTML 18Page - STMicroelectronics AN2708 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
AN2708
High-frequency ballast
15/42
Once the lamp and its parameters have been chosen, the ballast design will be optimized by
selecting the resonant components L and C as follows:
Set Tpre
Select frunmin (> 20 kHz)
Choose
∆f = fmax-frunmin
Select L & C such that fph > frun
Select half-bridge switches
Select L6574 biasing circuitry
The magnitude of the transfer function (lamp voltage divided by input voltage) for the two
circuit configurations (preheating-ignition and running) illustrates the operating frequencies
and where they lie with respect to one another.
Figure 6.
Ballast transfer functions (magnitude)
The currents and voltages corresponding to the resulting operating frequencies determine
the maximum current and voltage ratings for the inductor, capacitor, and the switches,
which, in turn, directly determine the size and cost of the ballast.
Moreover the zero-voltage switching is ensured as shown by the curves above in Figure 6.
STP8NM50 (8 A, 550 V) has been selected as power switch according to the current stress
and the input DC voltage.
The half-bridge inverter driving circuitry is based on the high performance L6574 which is an
OFF-LINE half-bridge driver designed in 600 V BCD technology, including all the features
needed to drive and properly control the tubes. A dedicated timing section in the L6574
allows setting the necessary parameters for proper preheat and ignition of the lamps. Also,
an op-amp is available to implement closed-loop control of the lamp current during normal
lamp burning. To avoid cross conduction of the power MOSFETs the internal logic ensures a
minimum deadtime. Moreover the L6574 is provided with two lamp status control functions
to protect the application against lamp failure as well as lamp disconnection. Finally it is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com