| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN2713 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2713 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 40 page ![]() Software installation AN2713 28/40 Doc ID 14431 Rev 1 Figure 23. I2C bus communication error The user can choose the device, printer port address for the PC and correct settings of the SCL and SDA bits to customize the I2C hardware interface. Figure 24. Main settings window In the system setting menu, the device to be tested can be changed. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |