| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN3112 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3112 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 36 page ![]() AN3112 List of figures Doc ID 16820 Rev 3 3/36 List of figures Figure 1. Line, inductor, switch and diode currents in FF-CCM PFC. . . . . . . . . . . . . . . . . . . . . . . . . . 1 Figure 2. Line, inductor, switch and diode currents in TM PFC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Figure 3. Basic waveforms for fixed frequency PWM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Figure 4. Basic waveforms for fixed-off-time PWM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Figure 5. Block diagram of an FOT-controlled PFC pre-regulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Figure 6. Circuit implementing FOT control with the L6564 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Figure 7. ZCD pin signal with the fixed off-time generator circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Figure 8. Switching frequency fixing the line voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Figure 9. The effect of fixing off-time - boundary between DCM and CCM . . . . . . . . . . . . . . . . . . . . 16 Figure 10. Conduction losses and total losses in the STP12NM50FP MOSFET couples for the 400W FOT PFC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Figure 11. L6564 internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Figure 12. Open loop transfer function-bode plot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 13. Phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 14. Multiplier characteristics family for VFF =1 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Figure 15. Multiplier characteristics family for VFF=3 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Figure 16. Switching frequency function on the peak of the sinusoid input voltage waveform and the cor- responding off- time value . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 Figure 17. Off-time vs. input mains voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 Figure 18. Switching frequency vs. input mains voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 Figure 19. Excel spreadsheet design specification input table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 Figure 20. Other design data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 Figure 21. Excel spreadsheet FOT PFC schematic. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 Figure 22. Excel spreadsheet BOM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |