Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN4116 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza AN4116
Descripción Electrónicos  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 3Page - STMicroelectronics AN4116 Datasheet HTML 4Page - STMicroelectronics AN4116 Datasheet HTML 5Page - STMicroelectronics AN4116 Datasheet HTML 6Page - STMicroelectronics AN4116 Datasheet HTML 7Page - STMicroelectronics AN4116 Datasheet HTML 8Page - STMicroelectronics AN4116 Datasheet HTML 9Page - STMicroelectronics AN4116 Datasheet HTML 10Page - STMicroelectronics AN4116 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
AN4116
Adapter features
Doc ID 023220 Rev 1
7/38
1
Adapter features
The electrical specifications of the demonstration board are listed below in
Table 1.
2
Circuit description
The power supply is set in flyback topology. The schematic is given in
Figure 2 and the bill of
materials in
Table 2. The input section includes a resistor R0 for inrush current limiting and a
diode bridge (D0) and Pi filter for EMC suppression (Cin1, Lin, Cin2). The transformer core
is a standard E13. The output voltage value is set in a simple way through the RfbH-RfbL
voltage divider between the output terminal and the FB pin, according to the following
formula:
Equation 1
In fact, the FB pin is the input of an error amplifier and is an accurate 3.3 V voltage
reference. In the schematic the upper resistor RfbH has been split into RfbH1 and RfbH2;
and the lower resistor RfbL into RfbL1 and RfbL2 in order to allow a better tuning of the
output voltage value. The compensation network is connected between the COMP pin
(which is the output of the error amplifier) and the GND pin and is made up of Cp, Cc and
Rc. The resistor RLIM, placed between the LIM and GND pins, has the purpose of reducing
the drain current limitation, from IDLIM to about 250 mA in order to limit the deliverable
output power of the converter and keep the power components safe. At power-up, as the
rectified input voltage rises over the VDRAINSTART threshold, the high voltage current
generator starts charging the VDD capacitor, CVDD, from 0 V up to VDDON. At this point the
Power MOSFET starts switching, the HV current generator is turned off and the IC is biased
by the energy stored in CVDD. In this demonstration board, if jumper J1 is not selected, the
IC is biased through the internal high voltage startup current generator, which is
automatically turned on as the VDD voltage drops to VDDCS_ON and switched off as VDD is
charged up to VDDON (self-biasing). The use of self-biasing means higher power dissipation
and must be avoided if low standby consumption is required. Self-biasing is excluded by
keeping the VDD pin voltage always above the VDDCS_ON threshold. In this board, since the
output voltage is higher than VDDCS_ON, this is obtained selecting jumper J1, which
Table 1.
Electrical specifications
Parameter
Symbol
Value
Input voltage range
VIN
[90 VAC; 265 VAC]
Output voltage
VOUT
12 V
Max. output current
IOUT
0.35 A
Precision of output regulation
ΔV
OUT_HF
± 5%
High frequency output voltage ripple
ΔV
OUT_HF
50 mV
Max. ambient operating temperature
TAMB
60 ºC
⎟⎟⎠
⎞
⎜⎜⎝
⎛
+
⋅
=
RfbL
RfbH
V
OUT
1
3
.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com