Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC1520 Datasheet(PDF) 5 Page - Linear Technology

No. de pieza LTC1520
Descripción Electrónicos  50Mbps Precision Quad Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1520 Datasheet(HTML) 5 Page - Linear Technology

  LTC1520 Datasheet HTML 1Page - Linear Technology LTC1520 Datasheet HTML 2Page - Linear Technology LTC1520 Datasheet HTML 3Page - Linear Technology LTC1520 Datasheet HTML 4Page - Linear Technology LTC1520 Datasheet HTML 5Page - Linear Technology LTC1520 Datasheet HTML 6Page - Linear Technology LTC1520 Datasheet HTML 7Page - Linear Technology LTC1520 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1520
SWITCHI G TI E WAVEFOR S
Figure 1. Propagation Delay Test Circuit and Waveforms
2.5V
2.5V
VDD/2
VDD/2
3V
2V
INPUT
OUTPUT
tPLH
tPHL
1520 F01
+
INPUT
2.5V
OUTPUT
15pF
1520 F01b
1/4 LTC1520
Figure 2. Receiver Enable and Disable Timing
Test Circuit and Waveforms
1.5V
1.5V
1.5V
CL
1k
1k
S1
S2
tZH
tZL
1.5V
tLZ
0.2V
0.2V
tHZ
VDD
OUTPUT
NORMALLY LOW
OUTPUT
NORMALLY HIGH
0V
3V
ENABLE
5V
VOL
VOH
0V
RECEIVER
OUTPUT
OUT 1
OUT 1
1520 F02
VDD/2
VDD/2
VDD/2
VDD/2
3V
B1, B2 = 2.5V
2V
CH1 OUT
INPUT
A1, A2
CH2 OUT
tCH-CH
tCH-CH
1520 F03
Figure 3. Any Channel to Any Channel Skew, Same Package
Figure 4. Package-to-Package Propagation Delay Skew
SAME INPUT FOR BOTH PACKAGES
INPUT
A1, B1
VID = 500mV
PACKAGE 1
OUT 1
1520 F04
tPKG-PKG
tPKG-PKG
PACKAGE 2
OUT 1
EQUIVALE T I PUT NETWORKS
3.3V
≥18k
≥18k
A
B
RECEIVER ENABLED, VDD = 5V
RECEIVER DISABLED OR VDD = 0V
3.3V
≥18k
A
B
1520 F05
≥18k
Figure 5. Input Thevenin Equivalent



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com