Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN439 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza AN439
Descripción Electrónicos  The use of TRIACs is limited by their switching behavior
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN439 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN439 Datasheet HTML 2Page - STMicroelectronics AN439 Datasheet HTML 3Page - STMicroelectronics AN439 Datasheet HTML 4Page - STMicroelectronics AN439 Datasheet HTML 5Page - STMicroelectronics AN439 Datasheet HTML 6Page - STMicroelectronics AN439 Datasheet HTML 7Page - STMicroelectronics AN439 Datasheet HTML 8Page - STMicroelectronics AN439 Datasheet HTML 9Page - STMicroelectronics AN439 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TRIAC turn-off description
AN439
6/16
1.4
TRIAC without snubber network
Without snubber circuit, the dV/dtOFF is limited by the capacitance between anode cathode
junction of the TRIAC. When the current drops to zero, the TRIAC is considered as a switch
which turns off. The dampened oscillating circuit is constituted by the loads, L and R, and
the internal capacitance, CT, of the TRIAC (see Figure 7). The final value E depends on the
peak mains voltage and the phase difference (
φ) between voltage and current.
Figure 7.
TRIAC commutation on an inductive load without a snubber network
For a second order linear differential equation with a step function input, the voltage
variation across the TRIAC (VT(t)) is given by:
Equation 4
With damping factor:
Equation 5
Undamped natural resonance:
Equation 6
Final voltage value:
Equation 7
For example, the typical internal capacitances of 1 A, 12 A and 24 A TRIACs are
respectively 12 pF, 90 pF and 180 pF (without direct voltage junction polarisation, worst
case). Without snubber, and for most part of inductive loads, the damping factor (
ξ) is
generally lower than 1.
V
T
I
G
G
I
T
V
Mains
Load
LR
I
T
V
T
E
Load
LR
C
T
V
T(t)
E
t
dV/dt
OFF
V
T
I
G
G
I
T
V
Mains
Load
LR
I
T
V
T
≈ E
Load
LR
C
T
V
T(t)
E
t
dV/dt
OFF
E
)
t
(
V
dt
)
t
(
dV
2
dt
)
t
(
V
d
1
T
T
0
2
T
2
2
0
=
+
+·
.
·
ω
ξ
ω
)
H
(
)
F
(
T
)
(
L
C
2
R
·
Ω
=
ξ
)
F
(
T
)
H
(
)
s
/
rad
(
0
C
L
1
·
=
ω
)
sin(
2
V
E
RMS
φ
·
·
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com