Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN1603 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza AN1603
Descripción Electrónicos  This Application Note describes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1603 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1603 Datasheet HTML 3Page - STMicroelectronics AN1603 Datasheet HTML 4Page - STMicroelectronics AN1603 Datasheet HTML 5Page - STMicroelectronics AN1603 Datasheet HTML 6Page - STMicroelectronics AN1603 Datasheet HTML 7Page - STMicroelectronics AN1603 Datasheet HTML 8Page - STMicroelectronics AN1603 Datasheet HTML 9Page - STMicroelectronics AN1603 Datasheet HTML 10Page - STMicroelectronics AN1603 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
USING THE ST7 USB DEVICE FIRMWARE UPGRADE DEVELOPMENT KIT (DFU-DK)
4.3 PROGRAMMING INTERFACE
This is the Application-programming interface of the ST7DFU.dll module. The documentation
describes the interface in C language.
4.3.1 STDFU_EnumGETNBDevices
4.3.1.1 Prototype
DWORD STDFU_EnumGetNbDevices(
PDWORD pNb,
HWND hWnd,
DWORD Message);
4.3.1.2 Description
Browses all DFU devices connected to the PC.
4.3.1.3 Parameters
pNb: pointer to the number of DFU devices
hWnd :window handle
Message: notifies an application of a change to the hardware configuration of a DFU-device.
4.3.1.4 Returned value
STDFU_NOERROR in case of success, otherwise (Error Code)
4.3.1.5 Remarks
For more details about hWnd and Message parameters please refer to Section 4.3.19
The following section provides all error codes that can be returned by any function:
STDFU_ERROR_OFFSET
0x12340000
STDFU_NOERROR
STDFU_ERROR_OFFSET
STDFU_MEMORY
(STDFU_ERROR_OFFSET+1)
STDFU_BADPARAMETER
(STDFU_ERROR_OFFSET+2)
STDFU_NOTIMPLEMENTED
(STDFU_ERROR_OFFSET+3)
STDFU_ENUMFINISHED
(STDFU_ERROR_OFFSET+4)
STDFU_OPENDRIVERERROR
(STDFU_ERROR_OFFSET+5)
STDFU_ERRORDESCRIPTORBUILDING
(STDFU_ERROR_OFFSET+6)
STDFU_PIPECREATIONERROR
(STDFU_ERROR_OFFSET+7)
STDFU_PIPERESETERROR
(STDFU_ERROR_OFFSET+8)
STDFU_PIPEABORTERROR
(STDFU_ERROR_OFFSET+9)
STDFU_STRINGDESCRIPTORERROR
(STDFU_ERROR_OFFSET+0xA)
STDFU_DRIVERISCLOSED
(STDFU_ERROR_OFFSET+0xB)
STDFU_VENDOR_RQ_PB
(STDFU_ERROR_OFFSET+0xC)
STDFU_ERRORWHILEREADING
(STDFU_ERROR_OFFSET+0xD)
STDFU_ERRORBEFOREREADING
(STDFU_ERROR_OFFSET+0xE)
STDFU_ERRORWHILEWRITING
(STDFU_ERROR_OFFSET+0xF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21