Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC3400 Datasheet(PDF) 8 Page - Linear Technology

No. de pieza LTC3400
Descripción Electrónicos  600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC3400 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3400 Datasheet HTML 4Page - Linear Technology LTC3400 Datasheet HTML 5Page - Linear Technology LTC3400 Datasheet HTML 6Page - Linear Technology LTC3400 Datasheet HTML 7Page - Linear Technology LTC3400 Datasheet HTML 8Page - Linear Technology LTC3400 Datasheet HTML 9Page - Linear Technology LTC3400 Datasheet HTML 10Page - Linear Technology LTC3400 Datasheet HTML 11Page - Linear Technology LTC3400 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC3400/LTC3400B
8
3400fa
TYPICAL APPLICATIO S
SW
L1
4.7
µH
VOUT
LTC3400
FB
VIN
SHDN
2
1
3
3400 TA01a
R1
1.02M
1%
R2
604k
1%
Q1
2N3904
D1: CENTRAL SEMI CMDSH2-3
L1: COILCRAFT DS1608-472
C1
4.7
µF
SINGLE
AA CELL
VOUT
3.3V
100mA
5
4
6
GND
+
OFF ON
C2
4.7
µF
R3
510k
R3
510k
M1
Si2305DS
D1
Single Cell to 3.3V Synchronous Boost Converter
with Load Disconnect in Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com