Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN1828 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza AN1828
Descripción Electrónicos  The document explains how to design
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1828 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1828 Datasheet HTML 1Page - STMicroelectronics AN1828 Datasheet HTML 2Page - STMicroelectronics AN1828 Datasheet HTML 3Page - STMicroelectronics AN1828 Datasheet HTML 4Page - STMicroelectronics AN1828 Datasheet HTML 5Page - STMicroelectronics AN1828 Datasheet HTML 6Page - STMicroelectronics AN1828 Datasheet HTML 7Page - STMicroelectronics AN1828 Datasheet HTML 8Page - STMicroelectronics AN1828 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
PIR (PASSIVE INFRARED) DETECTOR USING ST7FLITE05/09/SUPERLITE
1.3 SENSOR CIRCUIT DESCRIPTION
Transistor Q3 is biased in the active region and amplifies the signal from the PIR sensor. The
microcontroller provides a biasing signal, which is connected to the biasing network on the
transistor. This biasing signal is integrated through a capacitor (C7) and resistor (R14). The
bias signal at 0 level (LOW) for a long time (greater than the discharging time of the capacitor)
puts the transistor into the cut-off region, making it OFF. The HIGH from the microcontroller for
a long time (greater than the charging time of the capacitor) causes saturation of the tran-
sistor. Thus the transistor gain is controlled by the micro-controller and it can shift the bias
from cut-off to saturation region and vice-versa.
The software adjusts the biasing signal to keep the output of transistor amplifier at constant
threshold level which is checked by continuously reading the value using the A/D Converter
(ADC) of the microcontroller. The application uses a software counter to track the number of
times the biasing signal was changed to LOW or HIGH to maintain the threshold.
The C7 capacitor at base of transistor causes integration of the biasing signal generated by
the microcontroller, causing the voltage at base of transistor to be approximately constant.
This voltage causes the transistor to operate within the active region.
1.3.1 Detecting signal variations
If there is no signal from the PIR sensor, the software counter (which tracks the number of oc-
currence of LOW / HIGH in a particular time) variation remains within in a small range. In case
of motion and hence a signal from the PIR, this software counter will change beyond the limits
set by the software.
1.3.2 Filtering signal variations due to changes in surroundings
Slow changes because of temperature, ambient light etc. are compensated by software by
keeping the transistor output/feedback signal at constant level. The effect of these parameters
may cause changes in the threshold voltage. But by maintaining the threshold signal at con-
stant level these effects are nullified. This changes the value of the software counter slightly,
which can easily be distinguished from human movement (which also causes changes in the
software counter) by comparing the magnitude and direction of the changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com