Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SRSKIRT3 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

No. de pieza SRSKIRT3
Descripción Electrónicos  SmartRack Enclosure Skirt Kit - use with 3 in. casters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRSKIRT3 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRSKIRT3 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRSKIRT3 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack Enclosure Skirt Kit - use with 3 in.
casters
MODEL NUMBER: SRSKIRT3
Description
Tripp Lite's SmartRack SRSKIRT3 is a brush strip that blocks unwanted airflow under rack enclosure cabinets that are using the heavy duty 3" casters. The
SRSKIRT3 improves cooling efficiency by segregating cold aisle from hot aisle.
Features
Brush strip blocks unwanted airflow under rack enclosure cabinets that are using the heavy duty 3" casters
Improves cooling efficiency by segregating cold aisle from hot aisle
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
1 x 24.6 x 4.2
Shipping Dimensions (hwd / cm)
2.5 x 62.5 x 10.7
Shipping Weight (lbs.)
2.2
Shipping Weight (kg)
1
Unit Dimensions (hwd / in.)
3.5 x 23.6 x .4
Unit Dimensions (hwd / cm)
16.1 x 59.9 x 1
Unit Weight (lbs.)
1.6
Unit Weight (kg)
.73
Color
Black
WARRANTY
Highlights
To be used with heavy duty 3"
casters
Brush strip blocks unwanted
airflow under rack enclosure
Improves cooling efficiency
Segregates cold aisle from hot
aisle
Package Includes
1 Piece of SRSKIRT3
Mounting Hardware
1 / 2


Número de pieza similar - SRSKIRT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SRSKIRT TRIPPLITE-SRSKIRT Datasheet
472Kb / 2P
SmartRack Enclosure Skirt Kit
SRSKIRTEU TRIPPLITE-SRSKIRTEU Datasheet
156Kb / 2P
SmartRack Enclosure Skirt Kit for Euro-Series Wide Server Rack, 800 mm Width
More results

Descripción similar - SRSKIRT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SR25UBKD TRIPPLITE-SR25UBKD Datasheet
493Kb / 3P
25U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SR42UBEVS TRIPPLITE-SR42UBEVS Datasheet
489Kb / 2P
42U SmartRack Value Enclosure
SR42UBKD TRIPPLITE-SR42UBKD Datasheet
493Kb / 3P
42U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SRFILTER TRIPPLITE-SRFILTER Datasheet
478Kb / 2P
SmartRack Enclosure Filter Kit
SRGASKET TRIPPLITE-SRGASKET Datasheet
479Kb / 2P
SmartRack Airflow Optimization Kit
SRSKIRT TRIPPLITE-SRSKIRT Datasheet
472Kb / 2P
SmartRack Enclosure Skirt Kit
SRTHERMDUCT TRIPPLITE-SRTHERMDUCT Datasheet
505Kb / 2P
SmartRack Thermal Duct Kit for SmartRack Enclosures
SRVRTRAIL23 TRIPPLITE-SRVRTRAIL23 Datasheet
489Kb / 2P
SmartRack 23 in. Wide Mounting Rail Kit
SRSKIRTEU TRIPPLITE-SRSKIRTEU Datasheet
156Kb / 2P
SmartRack Enclosure Skirt Kit for Euro-Series Wide Server Rack, 800 mm Width
SR25UBSD3 TRIPPLITE-SR25UBSD3 Datasheet
176Kb / 4P
25U SmartRack Shallow-Depth Half-Height Rack Enclosure, Doors, Side Panels, Heavy-Duty Casters
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com