| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN2641 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2641 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 37 page ![]() Linux frame buffer AN2641 28/37 Doc ID 14027 Rev 1 Figure 17. Structure fb_ops struct fb_ops { struct module *owner; /* Driver open */ int (*fb_open)(struct fb_info *info, int user); /* Driver close */ int (*fb_release)(struct fb_info *info, int user); /* ... */ /* Sanity check on video parameters */ int (*fb_check_var)(struct fb_var_screeninfo *var, struct fb_info *info); /* Configure the video controller registers */ int (*fb_set_par)(struct fb_info *info); /* Create pseudo color palette map */ int (*fb_setcolreg)(unsigned regno, unsigned red, unsigned green, unsigned blue, unsigned transp, struct fb_info *info); /* Blank/unblank display */ int (*fb_blank)(int blank, struct fb_info *info); /* ... */ /* Accelerated method to fill a rectangle with pixel lines */ void (*fb_fillrect)(struct fb_info *info, const struct fb_fillrect *rect); /* Accelerated method to copy a rectangular area from one screen region to another */ void (*fb_copyarea)(struct fb_info *info,const struct fb_copyarea *region); /* Accelerated method to draw an image to the display */ void (*fb_imageblit)(struct fb_info *info, const struct fb_image *image); /* Accelerated method to rotate the display */ void (*fb_rotate)(struct fb_info *info, int angle); /* Ioctl interface to support device-specific commands */ int (*fb_ioctl)(struct fb_info *info, unsigned int cmd, unsigned long arg); /* ... */ }; |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |