| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN2784 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2784 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 31 page ![]() STM32F10xxx FSMC configuration in 100-pin packages AN2784 28/31 Doc ID 14779 Rev 4 5 STM32F10xxx FSMC configuration in 100-pin packages The FSMC is present in devices delivered in both 144-pin and 100-pin packages. For devices in 100-pin packages, however, only some FSMC banks can be used because not all pins are available. 5.1 Interfacing the FSMC with a NAND Flash memory In devices that come in 100-pin packages, only Bank2 can be used to interface the FSMC with an 8-/16-bit NAND Flash memory. This is because the NCE3 pin is not available in these packages. Likewise, no interrupt can be used because the two interrupt pins INT2 and INT3 are not available in 100-pin packages. Table 9 shows how to connect an 8-/16-bit NAND Flash memory to the FSMC peripheral of devices delivered in 100-pin packages. Table 9. NAND Flash memory connection to the FSMC 8-/16-bit NAND memory pins FSMC pins 100-pin package E NCE2/NCE3 NCE2 R NOE NOE W NWE NWE AL A17 A17 CL A16 A16 R/B NWAIT/INT2/INT3 NWAIT I/O0-I/O7 D0-D7 D0-D7 I/O8-I/O15 D8-D15 D8-D15 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |