| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN2834 Datasheet(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2834 Datasheet(HTML) 43 Page - STMicroelectronics |
|
43 / 45 page ![]() DocID15067 Rev 2 43/45 AN2834 Conclusion 44 4 Conclusion This application notes describes the main ADC errors and then methods and application design rules to minimize STM32x ADC errors and obtain the best ADC accuracy. The choice of method depends on the application requirements and is always a compromise between speed, precision, enough computation power and design topology. The published methods lead to a precision improvement and are optimized for the design of an ADC converter using the SAR (successive approximation register) principle. |