Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN3114 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza AN3114
Descripción Electrónicos  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 5Page - STMicroelectronics AN3114 Datasheet HTML 6Page - STMicroelectronics AN3114 Datasheet HTML 7Page - STMicroelectronics AN3114 Datasheet HTML 8Page - STMicroelectronics AN3114 Datasheet HTML 9Page - STMicroelectronics AN3114 Datasheet HTML 10Page - STMicroelectronics AN3114 Datasheet HTML 11Page - STMicroelectronics AN3114 Datasheet HTML 12Page - STMicroelectronics AN3114 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
AN3114
LCD controller drive signals
Doc ID 16829 Rev 3
9/43
2
LCD controller drive signals
2.1
Single backplane LCD drive
In a single backplane drive, each LCD segment is connected to a segment line (Sx) and to a
backplane (common line) common to all the segment lines. A display using S LCD
segments is driven with S+1 MCU output lines (S segments + 1common). The backplane is
driven with a COM signal between 0 and VDD with a duty cycle of 50%.
When switching on an LCD segment, a signal with opposite polarity to COM is sent to the
corresponding Segment line. When the non-inverted COM signal-to-segment signal is sent
to the Segment line, the LCD segment is off. Using an MCU, the I/O operates in output
mode at either logic 0 or 1.
Figure 3.
LCD signals for direct drive
COM
MS19737V1
+VDD
S
+VDD
+VDD
S1 = COM – S
OFF
S
+VDD
+VDD
S1 = COM – S
–VDD
ON
Odd
frame
Even
frame
Odd
frame
Even
frame
Odd
frame
Even
frame
Odd
frame
Even
frame
Odd
frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43