Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT1012A Datasheet(PDF) 8 Page - Linear Technology

No. de pieza LT1012A
Descripción Electrónicos  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LT1012A Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1012A Datasheet HTML 4Page - Linear Technology LT1012A Datasheet HTML 5Page - Linear Technology LT1012A Datasheet HTML 6Page - Linear Technology LT1012A Datasheet HTML 7Page - Linear Technology LT1012A Datasheet HTML 8Page - Linear Technology LT1012A Datasheet HTML 9Page - Linear Technology LT1012A Datasheet HTML 10Page - Linear Technology LT1012A Datasheet HTML 11Page - Linear Technology LT1012A Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1012A/LT1012
sn1012 1012afbs
Offset Voltage vs Source
Resistance (Balanced or
Unbalanced)
Typical Distribution of Input
Offset Current
Typical Distribution of Input Bias
Current
Input Bias Current vs
Temperature
Offset Voltage Drift vs Source
Resistance (Balanced or
Unbalanced)
Input Bias Current Over Common
Mode Range
Warm-Up Drift
Offset Voltage Drift with Temperature
of Four Representative Units
Long Term Stability of Four
Representative Units
SOURCE RESISTANCE (
Ω)
1k
1
100
1000
100k
10k
300k 1M
3M 10M
30k
3k
10
LT1012A • TPC01
25
°C
–55
°C TO 125°C
VS = ±15V
INPUT BIAS CURRENT (pA)
120
160
200
LT1012A • TPC02
80
40
0
–120
–60
60
120
0
1020 UNITS
FROM THREE
RUNS
VS = ±15V
TA = 25°C
VCM = 0V
INPUT OFFSET CURRENT (pA)
120
160
200
LT1012A • TPC03
80
40
0
–120
–60
60
120
0
1020 UNITS
FROM THREE
RUNS
VS = ±15V
TA = 25°C
VCM = 0V
TEMPERATURE (
°C)
–50
–150
–50
100
0
50
–100
50
0
100
–25
25
75
125
UNDERCANCELLED UNIT
LT1012A • TPC04
OVERCANCELLED
UNIT
SOURCE RESISTANCE (
Ω)
1k
0.1
10
100
100k
10k
1M
10M
100M
1.0
LT1012 • TPC06
MAXIMUM
TYPICAL
0
0
3
4
5
4
2
1
1
2
3
5
TIME AFTER POWER ON (MINUTES)
METAL CAN (H) PACKAGE
DUAL-IN-LINE PACKAGE
PLASTIC (N) OR SO (S)
VS = ±15V
TA = 25°C
LT1012A • TPC07
TIME (MONTHS)
0
2
6
10
4
–2
–6
0
4
8
–4
–8
–10
1
2
3
5
LT1012A • TPC08
–50
20
40
60
25
75
0
–20
–25
0
50
100
125
–40
–60
TEMPERATURE (
°C)
LT1012A • TPC09
COMMON MODE INPUT VOLTAGE
–15
–60
–40
–20
0
20
60
–10
–5
0
5
10
15
40
VS = ±15V
TA = 25
oC
DEVICE WITH POSITIVE
INPUT CURRENT
DEVICE WITH NEGATIVE
INPUT CURRENT
RIN CM = 2 X 10
12
+
LT1012A * TPC5
IB
VCM
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com