| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN3255 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3255 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 24 page ![]() I2C Read and Write functions AN3255 22/24 Doc ID 17784 Rev 1 B.2 I2C post polling buffer read flowchart This function has been implemented to be used together with the I2C polling function. Once an ACK has been returned by I2C_CR14_EE_AckPolling, the I2C_CR14_EE_PostPolling function reads one by one all the bytes that are available in the Input/ Output Frame register of the CR14. Figure 7 shows the detailed flowchart of the I2C_CR14_EE_PostPolling function. Figure 7. I2C post polling buffer read flowchart |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |