Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PD16334 Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza PD16334
Descripción Electrónicos  96-Bit AC-PDP DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16334 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD16334_15 Datasheet HTML 1Page - Renesas Technology Corp PD16334_15 Datasheet HTML 2Page - Renesas Technology Corp PD16334_15 Datasheet HTML 3Page - Renesas Technology Corp PD16334_15 Datasheet HTML 4Page - Renesas Technology Corp PD16334_15 Datasheet HTML 5Page - Renesas Technology Corp PD16334_15 Datasheet HTML 6Page - Renesas Technology Corp PD16334_15 Datasheet HTML 7Page - Renesas Technology Corp PD16334_15 Datasheet HTML 8Page - Renesas Technology Corp PD16334_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1997
Document No. S12362EJ2V0DS00 (2nd edition)
Date Published May 1998 N CP(K)
Printed in Japan
MOS INTEGRATED CIRCUIT
µµµµµPD16334
96-Bit AC-PDP DRIVER
The
µPD16334 is a high-voltage CMOS driver designed for flat display panels such as PDPs, VFDs and ELs. It
consists of a 96-bit bi-directional shift register, 96-bit latch and high-voltage CMOS driver. The logic block is designed
to operate using a 5-V power supply/3.3-V interface enabling direct connection to a gate array or a microcontroller.
In addition, the
µPD16334 achieves low power dissipation by employing the CMOS structure while having a high
withstand voltage output (80 V, 50 mA).
FEATURES
• Selectable by IBS pin; three 32-bit bi-directional shift register circuits
configuration or six 16-bit bi-directional shift register circuits configuration
• Data control with transfer clock (external) and latch
• High-speed data transfer (fmax. = 25 MHz min. at data fetch)
(fmax. = 15 MHz min. at cascade connection)
• High withstand output voltage (80 V, 50 mAMAX.)
• 3.3 V CMOS input interface
• High withstand voltage CMOS structure
• Capable of reversing all driver outputs by PC pin
ORDERING INFORMATION
Part Number
Package
µPD16334
COB*
* Please consult with an NEC sales representative about COB.
DATA SHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com