| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UM0224 Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0224 Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 34 page ![]() STR75x demonstration software Running the demonstrations 9/34 2.1.2 Navigation The demonstration menu is based on circular navigation, sub-menu, item selection and back capability as follows: Figure 3. Navigating in the demonstration menus The user navigates using the joystick push-buttons: “RIGHT”, “LEFT” ,“SEL”, “UP” and “DOWN” located on the evaluation board. ● “RIGHT” and “LEFT” push-buttons perform circular navigation in the current menu items. ● “SEL” push-button selects the current item. ● “UP” and “DOWN” jumps to the higher level menu. When the demonstration menu is activated, the following message is displayed on the LCD: In this case, when "SEL" pressed the following graphics are shown on LCD screen continuously one by one each two seconds. item 1 item 2 item n ... 1st LEVEL 2nd LEVEL ... LEFT SEL SEL WELCOME SCREEN LEFT RIGHT RIGHT LEFT RIGHT item 2.1 item 2.2 item 2.n ... LEFT RIGHT LEFT RIGHT item 1.1 item 1.2 item 1.n ... LEFT RIGHT LEFT RIGHT ... SEL LEFT RIGHT Help Main menu |