| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RM0312 Datasheet(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0312 Datasheet(HTML) 110 Page - STMicroelectronics |
|
110 / 275 page ![]() 16-bit general purpose timer (TIM2/TIM3) RM0312 110/275 DocID022352 Rev 3 Figure 23. Counter update when ARPE=0 (ARR not preloaded) with prescaler = 2 In Figure 24 the prescaler divider is set to 1, so CK_CNT has the same frequency as CK_PSC. In Figure 24 autoreload preload is enabled (ARPE=1), so the next counter overflow occurs at FFh. The new autoreload value register value of 36h is taken into account after the overflow which generates an update event. Figure 24. Counter update event when ARPE=1 (TIMx_ARR preloaded) CK_PSC 00 CNT_EN TIMER CLOCK = CK_CNT COUNTER REGISTER UPDATE INTERRUPT FLAG (UIF) COUNTER OVERFLOW UPDATE EVENT (UEV) 01 02 03 04 05 06 07 32 33 34 35 36 31 AUTO-RELOAD PRELOAD REGISTER FF 36 AUTO-RELOAD SHADOW REGISTER Write a new value in TIMx_ARR FF 36 New value transferred immediately in shadow register 00 CNT_EN TIMER CLOCK = CK_CNT COUNTER REGISTER UPDATE INTERRUPT FLAG (UIF) COUNTER OVERFLOW UPDATE EVENT (UEV) 01 02 03 04 05 06 07 FB FC FD FE FF FA AUTO-RELOAD PRELOAD REGISTER FF 36 AUTO-RELOAD SHADOW REGISTER FF 36 Write a new value in TIMx_ARR CK_PSC New value transferred in shadow register on counter overflow |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |