Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN4271 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza AN4271
Descripción Electrónicos  Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4271 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4271 Datasheet HTML 6Page - STMicroelectronics AN4271 Datasheet HTML 7Page - STMicroelectronics AN4271 Datasheet HTML 8Page - STMicroelectronics AN4271 Datasheet HTML 9Page - STMicroelectronics AN4271 Datasheet HTML 10Page - STMicroelectronics AN4271 Datasheet HTML 11Page - STMicroelectronics AN4271 Datasheet HTML 12Page - STMicroelectronics AN4271 Datasheet HTML 13Page - STMicroelectronics AN4271 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Transmitter parameters
AN4271
10/20
DocID024318 Rev 1
2.3
Unwanted emissions in the spurious domain
Spurious emissions are unwanted emissions in the spurious domain at frequencies other
than those of the desired carrier frequency and its sidebands associated with normal test
modulation.
A spectrum analyzer is used as external receiver. The measurement is performed setting
the SPIRIT1 without modulation and observing it at up to 6 GHz as described in the ETSI [
2]
subclause 7.8.
The measurement is split into two graphs: in
Figure 8 the unwanted spurious emission for
frequencies below 1 GHz is shown. The measurement is performed setting the instrument
to a resolution bandwidth of 100 kHz, as required by ETSI [
2]. In Figure 9, the unwanted
spurious emission for frequencies from 1 GHz to 6 GHz is shown. The measurement is
performed setting the instrument to a resolution bandwidth of 1 MHz, as required by ETSI
[
2]. In the two graphs, the mask requirement from ETSI is reported also.
The unwanted emissions in the spurious domain of the SPIRIT1 complies with ETSI [
2] sub-
clause 7.8.
Figure 8. Unwanted spurious emission below 1 GHz
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
0.E+00
1.E+08
2.E+08
3.E+08
4.E+08
5.E+08
6.E+08
7.E+08
8.E+08
9.E+08
1.E+09
Frequency [MHz]
Spirit
ETSI mask
GAMS110320131801FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com