Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN4286 Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza AN4286
Descripción Electrónicos  SPI protocol used in the STM32 bootloader
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4286 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4286 Datasheet HTML 8Page - STMicroelectronics AN4286 Datasheet HTML 9Page - STMicroelectronics AN4286 Datasheet HTML 10Page - STMicroelectronics AN4286 Datasheet HTML 11Page - STMicroelectronics AN4286 Datasheet HTML 12Page - STMicroelectronics AN4286 Datasheet HTML 13Page - STMicroelectronics AN4286 Datasheet HTML 14Page - STMicroelectronics AN4286 Datasheet HTML 15Page - STMicroelectronics AN4286 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
DocID024458 Rev 2
12/38
AN4286
Bootloader command set
37
2.3
Get Version command
The Get Version command is used to get the version of the SPI protocol. When the
bootloader receives the command, it transmits the information described below (bootloader
version) to the master.
Figure 8. Get Version: master side
The STM32 sends the bytes as follows:
•
Byte 1: ACK
•
Byte 2: bootloader version (0 < version ≤ 255), example: 0x10 = version 1.0
•
Byte 3: ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38