| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UM1561 Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1561 Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 39 page ![]() UM1561 STM32F1xx microcontroller - several peripherals used to manage the STEVAL-ISV003V1 Doc ID 023556 Rev 1 7/39 3 STM32F1xx microcontroller - several peripherals used to manage the STEVAL-ISV003V1 demonstration board The STEVAL-ISV003V1 is a 250 W dual stage converter digitally controlled by a 32-bit STM32F1xx microcontroller to allow operation in grid connection while performing an MPPT algorithm on the PV panel side. Several hardware peripherals, embedded in the microcontroller, have been used to control the system and to allow communication with an external unit. In particular, the power board is made up of two sections, a DC-DC converter and a DC-AC converter. Figure 3 shows an overview of the main blocks used to design the system. Figure 3. Description of the main hardware parts in STEVAL-ISV003V1 RS-232 port DC/AC converter AC filter AUX PS µC unit and LCD JTAG connector DC/DC converter Debug connector AM15189v1 |