Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MBCR10MPH Datasheet(PDF) 1 Page - Zowie Technology Corporation

No. de pieza MBCR10MPH
Descripción Electrónicos  Bridge Rectifier Halogen-free type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZOWIE [Zowie Technology Corporation]
Página de inicio  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MBCR10MPH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  MBCR10MPH Datasheet HTML 1Page - Zowie Technology Corporation MBCR10MPH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(1000V / 1A)
MBCR10MPH
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
1000
V
IF(AV)
A
IFSM
A
30
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Rating
1.0
Repetitive peak reverse voltage
Bridge Rectifier
* Halogen-free type
* Glass passivation chip
* Compliance to RoHS product
* Leadless chip form, no lead damage
* Low power loss, High efficiency
* High current capability
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* AC/DC Power Supply
* Communication Equipment
APPLICATION
* 5,000 pieces per 13" (330mm ± 2mm) reel
* 2 reels per box
* 5 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser marking symbols
MECHANICAL DATA
2015/04
REV. 0
Tj,TSTG
-55 to +150
Operating junction and storage temperature Range
oC
Electrical characteristics (Ta = 25
o
C)
ITEM
Symbol
Conditions
Min.
Typ.
Max.
Unit
VF
IF = 1.0A
V
-
0.97
1.10
Forward voltage
-
95
-
Rth(JA)
Junction to ambient (NOTE 2)
-
75
-
Rth(JA)
Junction to ambient (NOTE 1)
Thermal resistance
oC/W
-
20
-
Rth(JL)
Junction to lead (NOTE 2)
pF
-
25
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
-
uA
0.08
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
3.74
-
-
A
2
s
I2t
Current squared time
t < 8.3ms , Ta = 25
oC
NOTES : (1) Thermal resistance, junction to ambient, measured on PC board with 15 x 15mm land areas.
(2) Thermal resistance, junction to ambient, measured on PC board with 5.0 x 5.0mm land areas.
(3) Preliminary specification.
~
YWW
.~
MBCR
10MP
3.30 ± 0.05
1.01 ± 0.15
0.90 ± 0.05
5.30 ± 0.10
~
~
4
1
3
2
4.20
REF.
1.00
MAX.
Unit : mm
OUTLINE DIMENSIONS
MARKING
Case : MBCR
Mounting Pad Layout


Número de pieza similar - MBCR10MPH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
MBCR10M ZOWIE-MBCR10M Datasheet
97Kb / 2P
MINIATURE SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MBCR10MLH ZOWIE-MBCR10MLH Datasheet
199Kb / 2P
Low VF Bridge Rectifier
More results

Descripción similar - MBCR10MPH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
BAS16GH ZOWIE-BAS16GH Datasheet
51Kb / 2P
Switching Diode Lead free product Halogen-free type
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
Switching Diode Lead free product Halogen-free type
1SS355GH ZOWIE-1SS355GH_15 Datasheet
126Kb / 4P
Switching Diode Lead free product Halogen-free type
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
Switching Diode Lead free product Halogen-free type
DF1502H ZOWIE-DF1502H Datasheet
64Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER Halogen-free type
Z1PK054H ZOWIE-Z1PK054H Datasheet
51Kb / 2P
Schottky Barrier Diode Halogen-free type
Z1PK104LH ZOWIE-Z1PK104LH Datasheet
49Kb / 2P
Schottky Barrier Diode Halogen-free type
Z2PK104LH ZOWIE-Z2PK104LH Datasheet
70Kb / 2P
Schottky Barrier Diode Halogen-free type
logo
Kemet Corporation
M4300-240X20M KEMET-M4300-240X20M Datasheet
52Kb / 1P
Flex Suppressor Halogen Free Type
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com