| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM0237 Datasheet(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0237 Datasheet(HTML) 47 Page - STMicroelectronics |
|
47 / 88 page ![]() DocID027104 Rev 2 47/88 PM0237 Design an application using BlueNRG, BlueNRG-MS ACI APIs 88 3.1.2 Set tx power level During the initialization phase user can also select the transmitting power level using the following API: aci_hal_set_tx_power_level(high or standard, power level) Follow a pseudocode example for setting the radio transmit power in high power and -2 dBm output power: ret = aci_hal_set_tx_power_level(1,4); For a complete description of this API and related parameters refer to the UM1755 and UM1865 user manuals, on the Section 4: References. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |