Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

THBFR411 Datasheet(PDF) 5 Page - Seoul Semiconductor

No. de pieza THBFR411
Descripción Electrónicos  Small size suitable for compact appliances
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

THBFR411 Datasheet(HTML) 5 Page - Seoul Semiconductor

  THBFR411 Datasheet HTML 1Page - Seoul Semiconductor THBFR411 Datasheet HTML 2Page - Seoul Semiconductor THBFR411 Datasheet HTML 3Page - Seoul Semiconductor THBFR411 Datasheet HTML 4Page - Seoul Semiconductor THBFR411 Datasheet HTML 5Page - Seoul Semiconductor THBFR411 Datasheet HTML 6Page - Seoul Semiconductor THBFR411 Datasheet HTML 7Page - Seoul Semiconductor THBFR411 Datasheet HTML 8Page - Seoul Semiconductor THBFR411 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.0.0)
Rev. 02
Rev. 02
January 2012
January 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
Forward Current vs.
Forward Voltage
Relative Luminous Intensity
vs. Forward Current
Ta = 25o
Spectrum
Forward Current vs.
Ambient Temperature (per die)
4. Characteristic Diagrams
1.8
2.2
2.6
3.0
3.4
0.1
1
10
100
Blue
Red
Forward Voltage V
F(V)
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
Blue
Red
Forward Current I
F(mA)
300
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength [nm]
-25
0
25
50
75
100
0
10
20
30
40
Red
Blue
Ambient temperature Ta(
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com