Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT1965 Datasheet(PDF) 2 Page - Linear Technology

No. de pieza LT1965
Descripción Electrónicos  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LT1965 Datasheet(HTML) 2 Page - Linear Technology

  LT1965_15 Datasheet HTML 1Page - Linear Technology LT1965_15 Datasheet HTML 2Page - Linear Technology LT1965_15 Datasheet HTML 3Page - Linear Technology LT1965_15 Datasheet HTML 4Page - Linear Technology LT1965_15 Datasheet HTML 5Page - Linear Technology LT1965_15 Datasheet HTML 6Page - Linear Technology LT1965_15 Datasheet HTML 7Page - Linear Technology LT1965_15 Datasheet HTML 8Page - Linear Technology LT1965_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT1965 Series
2
1965fb
For more information www.linear.com/LT1965
absolute MaxiMuM ratings
IN Pin Voltage .........................................................±22V
OUT Pin Voltage......................................................±22V
Input to Output Differential Voltage (Note 2) ......... ±22V
SENSE Pin Voltage..................................................±22V
ADJ Pin Voltage ........................................................±9V
SHDN Pin Voltage ...................................................±22V
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
OUT
OUT
SENSE/ADJ*
GND
IN
IN
SHDN
GND
TJMAX = 150°C, θJA = 65°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
*PIN 3 = SENSE FOR LT1965-1.5/LT1965-1.8/LT1965-2.5/LT1965-3.3
*PIN 3 = ADJ FOR LT1965
1
2
3
4
OUT
OUT
SENSE/ADJ*
GND
8
7
6
5
9
IN
IN
SHDN
GND
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 60°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
*PIN 3 = SENSE FOR LT1965-1.5/LT1965-1.8/LT1965-2.5/LT1965-3.3
*PIN 3 = ADJ FOR LT1965
Q PACKAGE
5-LEAD PLASTIC DD-PAK
FRONT VIEW
SENSE/ADJ*
OUT
GND
IN
SHDN
TAB IS
GND
5
4
3
2
1
TJMAX = 150°C, θJA = 30°C/W, θJC = 3°C/W
*PIN 5 = SENSE FOR LT1965-1.5/LT1965-1.8/LT1965-2.5/LT1965-3.3
*PIN 5 = ADJ FOR LT1965
T PACKAGE
5-LEAD PLASTIC TO-220
SENSE/ADJ*
OUT
GND
IN
SHDN
FRONT VIEW
5
4
3
2
1
TAB IS
GND
TJMAX = 150°C, θJA = 50°C/W, θJC = 3°C/W
*PIN 5 = SENSE FOR LT1965-1.5/LT1965-1.8/LT1965-2.5/LT1965-3.3
*PIN 5 = ADJ FOR LT1965
Output Short-Circuit Duration.......................... Indefinite
Operating Junction Temperature Range (Notes 3, 5, 13)
E-, I-Grades ....................................... –40°C to 125°C
H-Grade ............................................. –40°C to 150°C
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(Only for MSOP, TO-220, DD-Pak Packages) ....300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1965EDD#PBF
LT1965EDD#TRPBF
LCXW
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT1965IDD#PBF
LT1965IDD#TRPBF
LCXW
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT1965EDD-1.5#PBF
LT1965EDD-1.5#TRPBF
LDKW
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT1965IDD-1.5#PBF
LT1965IDD-1.5#TRPBF
LDKW
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT1965EDD-1.8#PBF
LT1965EDD-1.8#TRPBF
LDKY
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT1965IDD-1.8#PBF
LT1965IDD-1.8#TRPBF
LDKY
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT1965EDD-2.5#PBF
LT1965EDD-2.5#TRPBF
LDMB
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT1965IDD-2.5#PBF
LT1965IDD-2.5#TRPBF
LDMB
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT1965EDD-3.3#PBF
LT1965EDD-3.3#TRPBF
LDMD
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
pin conFiguration
orDer inForMation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com