Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MBRB20100CT Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza MBRB20100CT
Descripción Electrónicos  20A SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRB20100CT Datasheet(HTML) 5 Page - Diodes Incorporated

  MBRB20100CT_15 Datasheet HTML 1Page - Diodes Incorporated MBRB20100CT_15 Datasheet HTML 2Page - Diodes Incorporated MBRB20100CT_15 Datasheet HTML 3Page - Diodes Incorporated MBRB20100CT_15 Datasheet HTML 4Page - Diodes Incorporated MBRB20100CT_15 Datasheet HTML 5Page - Diodes Incorporated MBRB20100CT_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MBRB20100CT
Package Outline Dimensions (cont.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for latest version.
TO263AB (D2PAK)
Type C
Dim
Min
Max
Typ
A
4.30
4.70
-
b
0.70
0.90
-
b2
1.15
1.35
-
c
0.40
0.60
-
c2
1.20
1.40
-
D
9.00
9.40
-
D1
7.96
8.36
-
E
9.80 10.20
-
E1
7.85
8.05
-
e
2.34
2.74
H
15.00 15.87
-
L
2.24
2.84
-
L1
1.00
1.40
-
L2
1.20
1.60
-
All Dimensions in mm
Dimensions
Value
(in mm)
C
5.08
X
1.10
X1
10.41
Y
3.50
Y1
7.01
Y2
15.99
E
L1
D
b2
b
e
L2
c2
A
H
c
E1
D1
L
X1
Y
Y2
C
X
Y1
MBRB20100CT
Document number: DS37071 Rev. 3 - 2
5 of 6
www.diodes.com
September 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com