Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SDUD03N70 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

No. de pieza SDUD03N70
Descripción Electrónicos  Super high dense cell design for low RDS(ON).
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDUD03N70 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SDUD03N70 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDUD03N70 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDUD03N70 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDUD03N70 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDUD03N70 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDUD03N70 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDUD03N70 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDUD03N70 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDUD03N70 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.samhop.com.tw
Dec,24,2013
3
Figure 1. Output Characteristics
VDS, Drain-to-Source Voltage (V)
Figure 2. Transfer Characteristics
VGS, Gate-to-Source Voltage (V)
ID, Drain Current (A)
Tj( C)
Tj, Junction Temperature ( C)
Tj, Junction Temperature ( C)
Figure 5. Gate Threshold Variation
with Temperature
Figure 6. Breakdown Voltage Variation
with Temperature
Tj, Junction Temperature ( C)
Drain Current and Temperature
Figure 4. On-Resistance Variation with
and Gate Voltage
Figure 3. On-Resistance vs. Drain Current
Ver 1.1
-55 C
Tj=125 C
25 C
VGS=10V
ID=1.5A
VDS=VGS
ID=250uA
ID=250uA
VGS=10V
VGS=4V
VGS=10V
VGS=5V
5
4
3
2
1
0
0
5
10
15
20
25
30
2.0
1.6
1.2
0.8
0.4
0
0
1
6
5
4
3
2
12
10
8
6
4
2
0
0.1
3.0
2.6
2.2
1.8
1.4
1.0
0
0
100
75
25
50
125
150
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
1.15
1.10
1.05
1.00
0.95
0.90
0.85
125 150
100
75
50
25
0
-25
-50
14
3
2
SDU/D03N70



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com