| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LED720-66-60 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
LED720-66-60 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH |
|
2 / 3 page ![]() 25.04.2012 LED720-66-60 2 of 3 Typical Performance Curves Forward Current – Forward Voltage Radiant Intensity – Forward Current Allowable Power Dissipation – Ambient Temperature Allowed Forward Current – Ambient Temperature Relative Precaution for Use 1. Cautions • This high power LED must be cooled! • DO NOT look directly into the emitting area of the LED during operation! • WARNING: LED is emitting invisible light! 2. Soldering Conditions • DO NOT apply any stress to the lead particularly when heat. • After soldering the LEDs should be protected from mechanical shock or vibration until the LEDs return to room temperature. • When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize the mechanical stress on the LEDs. 3. Static Electricity • The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended that a wrist band and/or an anti- electrostatic glove be used when handling the LEDs. • All devices, equipment and machinery must be grounded properly. It is recommended that precautions should be taken against surge voltage to the equipment that mounts the LEDs. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |