Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STUD650S Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

No. de pieza STUD650S
Descripción Electrónicos  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD650S Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STUD650S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD650S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD650S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD650S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD650S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD650S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD650S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD650S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STU/D650S
Ver 1.0
www.samhop.com.tw
Sep,23,2010
3
Tj( °
C)
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C)
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C)
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C)
Figure 6. Breakdown Voltage Variation
with Temperature
25
20
15
10
5
0
0
0.5
1
1.5
2
2.5
3
VGS=4V
VGS=10V
VGS=4.5V
20
16
12
8
4
0
0
1
6
5
4
3
2
25 C
Tj=125 C
-55 C
180
150
120
90
60
30
1
1
5
10
15
20
25
V GS =10V
2.0
1.8
1.6
1.4
1.2
1.0
0
0
100
75
25
50
125
150
V GS =10V
ID=8A
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
V DS =V GS
ID=250uA
1.15
1.10
1.05
1.00
0.95
0.90
0.85
125 150
100
75
50
25
0
-25
-50
ID=250uA
VGS=3V
VGS=3.5V
V GS =4.5V
V GS =4.5V
ID=7A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com