Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AZ7695 Datasheet(PDF) 2 Page - American Zettler, Inc.

No. de pieza AZ7695
Descripción Electrónicos  80 Amp inrush current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AZETTLER [American Zettler, Inc.]
Página de inicio  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ7695 Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ7695 Datasheet HTML 1Page - American Zettler, Inc. AZ7695 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
COIL SPECIFICATIONS - PCB TERMINALS WITH QUICK CONNECT TERMINALS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Form A
VDC
VDC
VDC
± 10%
(SPST)
5
3.5
6.5
28
AZ7695–1A–5D
6
4.2
7.8
40
AZ7695–1A–6D
9
6.3
11.7
90
AZ7695–1A–9D
12
8.4
15.6
160
AZ7695–1A–12D
18
12.6
23.4
360
AZ7695–1A–18D
24
16.8
31.2
640
AZ7695–1A–24D
48
33.6
62.4
2560
AZ7695–1A–48D
AZ7695
3/17/2015
MECHANICAL DATA
;=

;=
X
;=
-!8
;=
X
;=
-!8
;=
X
;=
X
;=

;=

;=
X
;=
X
;=
X
0#"15)#+#/..%#46%23)/.
;=
-!8
;’=
X’
;=
-!8
;=
X
;=

;=

;=

;=

;=

;=

4YPICALFORBOTHVERSIONS
4YPICALFORBOTHVERSIONS




0#"6%23)/.
0#"/!2$,!9/54
7)2).'$)!'2!-
6IEWEDTOWARDTERMINALS
6IEWEDTOWARDTERMINALS
;=
-!8
;=
-!8
X
;=
;=
X
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
COIL SPECIFICATIONS - PCB TERMINALS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Form A
VDC
VDC
VDC
± 10%
(SPST)
5
3.5
6.5
28
AZ7695–1A–5DK
6
4.2
7.8
40
AZ7695–1A–6DK
9
6.3
11.7
90
AZ7695–1A–9DK
12
8.4
15.6
160
AZ7695–1A–12DK
18
12.6
23.4
360
AZ7695–1A–18DK
24
16.8
31.2
640
AZ7695–1A–24DK
48
33.6
62.4
2560
AZ7695–1A–48DK
* For epoxy seal change “DK” to “DEK”. For Class F
insulation system add suffix “F” to part number.



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com