| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M30802SGP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30802SGP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor |
|
3 / 315 page ![]() Under development Preliminary Specifications REV.B Specifications in this manual are tentative and subject to change. Mitsubishi microcomputers M16C/80 (144-pin version) group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description 3 Block Diagram Figure 1.1.2 is a block diagram of the M16C/80 (144-pin version) group. Block diagram of the M30802MC-XXXGP Figure 1.1.2. Block diagram of M30802MC-XXXGP R0L R0H R1H R1L R2 I/O ports 88 8 8 8 8 8 Internal peripheral functions Timer Timer TA0 (16 bits) Timer TA1 (16 bits) Timer TA2 (16 bits) Timer TA3 (16 bits) Timer TA4 (16 bits) Timer TB0 (16 bits) Timer TB1 (16 bits) Timer TB2 (16 bits) Timer TB3 (16 bits) Timer TB4 (16 bits) Timer TB5 (16 bits) Watchdog timer (15 bits) D-A converter (8 bits X 2 channels) A-D converter (10 bits X 8 channels Expandable up to 10 channels) UART /clock synchronous SI/O (8 bits X 5 channels) X-Y converter (16 bits X 16 bits) CRC arithmetic circuit (CCITT) (Polynomial : X +X +X +1) System clock generator XIN - XOUT XCIN - XCOUT Memory DRAM controller M16C/80 series 16-bit CPU core Registers R0H R0L R1H R1L R2 R3 A0 A1 FB SB DRAM controller Multiplier Port P0 Port P1 Port P2 Port P3 Port P4 Port P5 Port P6 FLG INTB ISP USP PC SVF SVP VCT 12 16 5 ROM (Note 1) RAM (Note 2) Note 1: ROM size depends on MCU type. Note 2: RAM size depends on MCU type. Port P15 Port P14 Port P13 Port P12 Port P11 87 8 8 5 |