Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NJM2146B Datasheet(PDF) 1 Page - New Japan Radio

No. de pieza NJM2146B
Descripción Electrónicos  VOLTAGE AND CURRENT CONTROL IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NJRC [New Japan Radio]
Página de inicio  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2146B Datasheet(HTML) 1 Page - New Japan Radio

  NJM2146B Datasheet HTML 1Page - New Japan Radio NJM2146B Datasheet HTML 2Page - New Japan Radio NJM2146B Datasheet HTML 3Page - New Japan Radio NJM2146B Datasheet HTML 4Page - New Japan Radio NJM2146B Datasheet HTML 5Page - New Japan Radio NJM2146B Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NJM2146B
- 1/1 -
NJM2146B_databook00_01
VOLTAGE AND CURRENT CONTROL IC
s
GENERAL DESCRIPTION
s
PACKAGE OUTLINE
The NJM2146B is a voltage and current control
IC which contains single-supply low offset voltage
OP-AMP(2mV max.),low operating OP-AMP, and
precision voltage reference. It is suitable for battery
charger, second controller of switching regulator
systems, and other battery systems.
s
FEATURES
q
Operating Voltage
(2.5V
∼ 18V)
q
Internal Precision Voltage Reference
(1.5V
±1%)
q
PC Terminal Current
(60mA max.)
q
Operating Current
(3mA
max.)
q
Bipolar Technology
q
Package Outline
DIP8,DMP8,VSP8
s
PIN CONFIGURATION
VREF
1
2
3
4
5
6
7
8
+
A
B
+
s
ABSOLUTE MAXIMUM RAINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
20
V
Differential Input Voltage
VID
(Ach)
20
(Bch)
±4
V
Power Dissipation
PD
(DIP8)
(DMP8)
(VSP8)
500
300
320
mW
PC Terminal Current
IPC
60
mA
Operating Temperature Range
Topr
−40 ∼ 85
°C
Storage Temperature Range
Tstg
−50 ∼ 150
°C
(note)When the supply voltage is less than 20V, the absolute maximum
input voltage is equal to the supply voltage
s
RECOMMENDED OPERATING CONDITIONS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Operating Voltage
Vopr
2.5
∼ 18
V
PIN FUNCTION
1. PC
2. A
−INPUT
3. A +INPUT
4. GND
5. B +INPUT
6. B
−INPUT
7. VREF
8. V+
NJM2146BD
NJM2146BM
NJM2146BR


Número de pieza similar - NJM2146B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nisshinbo Micro Devices...
NJM2146B NISSHINBO-NJM2146B Datasheet
1Mb / 6P
VOLTAGE AND CURRENT CONTROL IC
ver. 20250606
NJM2146BD NISSHINBO-NJM2146BD Datasheet
1Mb / 6P
VOLTAGE AND CURRENT CONTROL IC
ver. 20250606
NJM2146BM NISSHINBO-NJM2146BM Datasheet
1Mb / 6P
VOLTAGE AND CURRENT CONTROL IC
ver. 20250606
NJM2146BR NISSHINBO-NJM2146BR Datasheet
1Mb / 6P
VOLTAGE AND CURRENT CONTROL IC
ver. 20250606
More results

Descripción similar - NJM2146B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Japan Radio
NJM2346 NJRC-NJM2346 Datasheet
85Kb / 5P
VOLTAGE AND CURRENT CONTROL IC
logo
Renesas Technology Corp
M62237FP RENESAS-M62237FP Datasheet
1Mb / 4P
CONSTANT VOLTAGE CONSTANT CURRENT CONTROL IC
M62237FP RENESAS-M62237FP_07 Datasheet
109Kb / 7P
Constant Voltage Constant Current Control IC
M62238FP RENESAS-M62238FP_1 Datasheet
2Mb / 6P
CONSTANT VOLTAGE CONSTANT CURRENT CONTROL2 SYSTEM LED CONTROL IC
logo
ATMEL Corporation
U2010B ATMEL-U2010B Datasheet
394Kb / 18P
Phase-control IC with Current Feedback and Overload Protection
logo
Hi-Sincerity Mocroelect...
H134 HSMC-H134 Datasheet
268Kb / 8P
Constant Voltage and Constant Current Control
H234 HSMC-H234 Datasheet
257Kb / 8P
Constant Voltage and Constant Current Control
logo
ATMEL Corporation
U2010B-MFP ATMEL-U2010B-MFP Datasheet
331Kb / 18P
Phase-control IC with Current Feedback and Overload Protection
logo
International Rectifier
IRIS4013K IRF-IRIS4013K Datasheet
66Kb / 6P
Primary current mode control, and secondary voltage mode control
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com